Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
23
Chapter 3
Low Power Modes
3.1
Low Power Modes Introduction
The MAC72xx provides three low power modes to enable the minimum run current for every application.
The following low power modes are supported (in order of decreasing power consumption).
3.2
Run Mode
This is the “normal” operating mode of the MAC72xx, in which all clocks are running, and all peripherals
are powered up.
Entering Run mode
•Reset
•
Exiting all other current Low Power Modes
In this mode, the following components may be individually controlled:
•
Turn off the RTI by writing 0 to the RTI counter register
•
Turn off the SWT by writing 0 to the SWT counter register
•
Put any peripheral into Disable mode by setting its MDIS bit. Note that after a reset, all peripherals
that support a Disable mode are put into this mode by default.
Exiting Run mode
•
Run mode is exited by entering any other Low Power Mode
3.3
Doze Mode
In this system level mode, the clocks to each peripheral may be disabled in order to reduce power
consumption. This mode is intended for dynamic power management. In Doze mode, each individual
peripheral’s clock is gated by the peripheral itself (See Chapter 5, “System Clock Description” for more
Table 3-1. Low Power Modes
Mode
Description
Run Mode
This is the “normal” operating mode of the MAC72xx, in which all clocks are running, and all peripherals
are powered up.
Doze Mode
In this system level mode, the clocks to each peripheral may be disabled in order to reduce power
consumption. This mode is intended for dynamic power management.
Disabled Mode
In this mode, the peripheral is completely disabled, typically because it is not used for the particular
application being executed. This mode is intended for static power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com