Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 105Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 976 page
background image
Disabled Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
24
Freescale Semiconductor
details on this). This is typically done by setting or clearing a DOZE bit in one of the peripheral’s control
registers. Only the core clocks are actually gated in DOZE mode. IPI register clocks are gated only when
no register accesses to the module are detected, thus still allowing access to the module’s DOZE bit. All
protocol clocks are running in DOZE mode in order to enable detection of wakeup events on external
interfaces.
Entering Doze mode
•
Core sets the SYSTEM_DOZE bit in the CRG
In this mode, the following components may be individually controlled:
•
Turn off the RTI clock by setting RTIDOZE
•
Turn off the SWT clock by setting SWTDOZE
•
Turn off a peripheral by setting its DOZE bit
Exiting Doze mode
Any of the following events can be used to wake the system from DOZE mode:
•
External Reset
•
Crystal Monitor Reset
•SWT Reset
•
Self Clock Mode Interrupt
•
Real Time Interrupt (RTI)
•
Any Wakeup event in the system
•
Core writes $00 to the CRG DOZE register
•
Core clears the DOZE bit in the individual peripheral (optional feature)
3.4
Disabled Mode
In this mode, the peripheral is completely disabled, typically because it is not used for the particular
application being executed. This mode is intended for static power management.
•
Controlled via the MDIS bit in each peripheral
•
Software is responsible for setting the appropriate MODE bits in the Port Integration Module
(PIM), in order to drive the correct control signals to the pad(s).
•
Core enables peripheral by clearing its MDIS bit.
•
Note that the peripheral does not finish any current transfers before shutting down.
Entering Disabled mode
•
The reset state of all peripherals is disabled (MDIS=1)
•
Software configures the appropriate pin(s) in the PIM, including setting the correct MODE bits.
•
Core sets the MDIS bit in the peripheral
Exiting Disabled mode
•
The reset state of all peripherals is disabled (MDIS=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com