Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 32Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 35Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 36Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 39Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
xxxvi
Freescale Semiconductor
33.10.2.2
ATD External Trigger Channel Register (ATDETRIGCH).....................................748
33.10.2.3
ATD Prescaler Register (ATDPRE).........................................................................748
33.10.2.4
ATD Operating Modes Register (ATDMODE) .......................................................750
33.10.2.5
ATD Calibration Register (ATDCAL).....................................................................751
33.10.2.6
ATD Predischarge Time Select Register (ATDPTS) ...............................................752
33.10.2.7
ATD Interrupt Register (ATDINT) ..........................................................................753
33.10.2.8
ATD Flag Register (ATDFLAG) .............................................................................754
33.10.2.9
ATD Command Word Register (ATDCW) ..............................................................756
33.10.2.10
ATD Result Register (ATDRR) ...............................................................................761
33.11
Functional Description.....................................................................................................762
33.11.1
General.........................................................................................................................762
33.11.2
Analog Conversion Circuit ..........................................................................................762
33.11.2.1
Analog Input Multiplexer ........................................................................................762
33.11.2.2
Sample Capacitor.....................................................................................................762
33.11.2.3
Reference Voltage Generation .................................................................................762
33.11.2.4
Conversion Circuit...................................................................................................762
33.11.3
Digital Sub-blocks .......................................................................................................763
33.11.3.1
Mode / Timing Control ............................................................................................763
33.11.3.2
Clock Prescaler ........................................................................................................763
33.11.3.3
Bus Interface / Registers ..........................................................................................763
33.11.3.4
Command Word / Result / DMA .............................................................................763
33.11.3.5
SYSTRIG0, SYSTRIG1 / External Trigger Input ...................................................763
33.11.3.6
Flags.........................................................................................................................763
33.11.3.7
Result Adjustment ...................................................................................................764
33.11.3.8
Conversion Control..................................................................................................764
33.11.4
Low Power / Operating Modes....................................................................................764
33.11.5
Conversion Process......................................................................................................765
33.11.5.1
Command Queue .....................................................................................................766
33.11.5.2
Command Processing and DMA Requests..............................................................766
33.11.5.3
Command / Result Timing.......................................................................................769
33.11.6
Conversion Timing ......................................................................................................770
33.11.7
Conversions Using Predischarge .................................................................................772
33.12
Initialization/Application Information .............................................................................774
33.12.1
Initialization .................................................................................................................774
33.12.2
ATD Calibration / Result Adjustment..........................................................................775
33.12.2.1
Gain error.................................................................................................................776
33.12.2.1.1
Gain Error Correction via GCC (Gain Too High) ...............................................776
33.12.2.1.2
Gain Error Correction via OCC (Gain Too High) ...............................................776
33.12.2.1.3
Gain Error Correction via OCC and GCC (Gain Too High) ...............................777
33.12.2.1.4
Gain Error Correction via Warp (Gain Too High)...............................................777
33.12.2.1.5
Gain Error Correction via GCC (Gain Too Low) ................................................778
33.12.2.2
Offset Error ..............................................................................................................778
33.12.2.3
Steps Required For Calibration ...............................................................................779
33.12.2.3.1
Sample Special Channel 75% x (VRH - VRL) ...................................................780
33.12.2.3.2
Sample Special Channel 25% x (VRH - VRL) ...................................................780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com