Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 80Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
2
Freescale Semiconductor
— Byte (8-bit), Halfword (16-bit), Word (32-bit) data types supported.
— Cores and Memory connected using high performance AMBA AHB bus.
— Integrated E-ICE module for debug
•
Memory size
— 320k Bytes (MAC72x2) or 512k Bytes (MAC72x1) of wide accessed
Program Flash EEPROM.
– 4 Flash page buffers all 128-bits wide and individually configurable as either Instruction or
Data buffers.
– Page buffers can be configured to enable fetch ahead and either least recently used or
counter based buffer replacement schemes.
– Program & erase operations controlled by state machine.
– Internally generated program and erase voltages.
– ECC enabled array with 2-bit error detection, 1-bit error correction providing transparent
operation.
– 64-bit minimum write size.
– Flash configuration suitable for EEPROM emulation.
– Read or Program/Erase access on flash partition basis.
– Flash BIU support for access protection for User/Supervisor mode and Instruction/Data
accesses.
– Protection violation flag.
– Flash Lockout recovery mechanism though JTAG interface.
– 100K W/E endurance.
– 20 year data retention.
— 20k Byte (MAC72x2) or 32k Bytes (MAC72x1) RAM
– Single cycle accesses to RAM for Byte, Halfword and Word reads and writes.
– ECC enabled array with 2-bit error detection, 1-bit error correction.
•
Interrupt Controller
— 64 vectored interrupt sources.
— Interrupt sources available from internal peripherals, eDMA controller, software watchdog
timer and external sources.
— Supports 16 interrupt levels (0-15) with 64 priorities per level (1-64), to allow maximum
flexibility in configuring the system. Every interrupt source can be programmed to any
interrupt level. Priorities within a level are hard-coded in the MCU.
— Multiple level interrupt nesting.
— Hardware support for first nesting level.
— Normal and Fast interrupts supported with software programmability of sources for both Fast
and Normal Interrupts
•
Enhanced Direct Memory Access Controller (eDMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com