Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
xvi
Freescale Semiconductor
13.3.2.4
Misc. Reset Status Register (MRSR).......................................................................283
13.3.2.5
Misc. Wakeup Control Register (MWCR) ..............................................................283
13.3.2.6
Software Watchdog Timer (SWT) ...........................................................................283
13.3.2.7
AXBS Address Map Register (AAMR) ..................................................................284
13.3.2.8
Misc. User-Defined Control Register (MUDCR)....................................................284
13.3.2.9
ECC..........................................................................................................................284
13.3.2.10
Fault Registers .........................................................................................................284
13.3.2.11
Non-Maskable Interrupt (NMI) ...............................................................................284
13.3.3
MCM External Pins .....................................................................................................284
13.3.4
MCM Bus Aborts.........................................................................................................284
13.3.5
MCM Differences from MAC71xx .............................................................................285
13.3.6
MCM Application Usage.............................................................................................286
13.3.6.1
Enabling the MCM ..................................................................................................286
13.3.6.2
ECC..........................................................................................................................286
13.3.6.3
Flash.........................................................................................................................286
13.3.6.4
AAMR .....................................................................................................................286
13.3.6.5
NMI..........................................................................................................................286
13.3.6.6
REV Register ...........................................................................................................286
Chapter 14
SPP Interrupt Controller Module for ARM (SPP_INTC_ARM)
14.1
Introduction......................................................................................................................287
14.1.1
Overview......................................................................................................................287
14.2
INTC Features..................................................................................................................287
14.3
INTC External Pins..........................................................................................................288
14.4
INTC Bus Aborts .............................................................................................................288
14.5
INTC Differences from MAC71xx..................................................................................288
14.6
INTC Application Usage .................................................................................................289
14.6.1
Enabling the INTC.......................................................................................................290
14.7
The Interrupt Controller Module (INTC) ........................................................................290
14.7.1
Review of ARM Interrupt Architecture.......................................................................291
14.8
Memory Map/Register Definition ...................................................................................292
14.8.1
Register Descriptions...................................................................................................294
14.8.1.1
IPR[63:0] - Interrupt Pending Register (IPRH, IPRL) ............................................294
14.8.1.2
IMR[63:0] - Interrupt Mask Register (IMRH, IMRL) ............................................296
14.8.1.3
INTFRC[63:0] - Force Interrupt Register (INTFRCH, INTFRCL) ........................297
14.8.1.4
Interrupt Configuration (ICONFIG) Register..........................................................299
14.8.1.5
Set Interrupt Mask (SIMR) Register........................................................................300
14.8.1.6
Clear Interrupt Mask (CIMR) Register....................................................................301
14.8.1.7
Current Level Mask (CLMASK) Register ..............................................................302
14.8.1.8
Saved Level Mask (SLMASK) Register .................................................................303
14.8.1.9
Interrupt Control Register n (ICRn), n = 0, 1, 2,..., 63 ............................................304
14.8.1.10
IRQ Interrupt Acknowledge Register (IRQIACK)..................................................304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com