Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 105Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 106Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 107Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 976 page
background image
Low Power Mode Summary
MAC7200 Microcontroller Family Reference Manual, Rev. 2
26
Freescale Semiconductor
3.7
Low Power Mode Summary
NOTE
In most cases, entering RUN mode is equivalent to exiting a Low Power
Mode, so this is described in Table 3-4.
3.8
Special Notes on Entering and Exiting Power Modes
When entering DOZE mode on the FlexCAN, I2C or SCI, care should be taken to insure that the
corresponding pin-side bus is stopped in a recessive state.
Because the ARM7 core has no DOZE (or similar) instruction, this functionality will be enabled via a
combination of software and hardware (Graceful Stop module). However, there are some “caveats” that
must be paid attention to:
Table 3-3. Low Power Mode Entry Summary
Event
RUN
DOZE
DEBUG
External Reset
X
Write DOZE register
X
Set DOZE bit
(on a Peripheral-by-Peripheral basis)
X
Core enters HALT state
X
Table 3-4. Low Power Mode Exit Summary
Event
RUN
DOZE
DEBUG
Enter DOZE Mode
X
--
X
Enter DEBUG Mode
X
--
Core enters HALT state
X
Core exits HALT state
X
External Reset
X
X
Crystal Monitor Reset
X
SWT Reset
X
SWT Interrupt
X
SCM Interrupt
X
Real Time Interrupt (RTI)
X
Any Enabled, Unmasked Interrupt in the
Interrupt Controller
X
$00 written to DOZE reg
X
DOZE bit cleared
(on a Peripheral-by-Peripheral basis)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com