Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 105Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 106Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 107Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 108Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 109Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 110Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
29
Chapter 4
Signal Description
This section describes signals that connect off-chip. It includes pinout diagrams, a table of signal
properties, and detailed discussion of the signals.
4.1
Device Pinout
The MAC7200 family is available in 144-pin Quad Flat Package (LQFP), and 100-pin QFP options. The
family of devices offer pin-compatible packaged devices to assist with system development and
accommodate expansion of the application.
The MAC72xx device is offered in the following options:
•
144-pin LQFP package with 8 ATD channels.
•
144-pin LQFP package with 16 ATD channels.
•
100-pin LQFP package with 15 ATD channels.
Most pins perform two or more functions, which is described in more detail in Section 4.2, “Signal
Properties Summary”. Figure 4-1, Figure 4-2, Figure 4-3 show the package pin assignments for the
various packages.
NOTE
The 144LQFP packages are not currently qualified; any future qualification
will be based upon customer demand and will be subject to specified
leadtimes. This package option is supported for limited samples only, and
does not include burn-in testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com