Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 107Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 108Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 109Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 110Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 111Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 112Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 113Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 114Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 976 page
background image
Signal Properties Summary
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
33
4.2
Signal Properties Summary
Table 4-1 summarizes the pin functionality. on the MAC72xx devices.
Table 4-1. Signal Properties
Pin Name
Func. 1
Pin Name
Func. 2
Pin Name
Func. 3
Pin Name
Func. 4
Pin Name
Func. 5
Power
Supply
Internal Pull
Resistor
Description
Ctrl
Reset
State
EXTAL
—
—
—
—
VDDPLL
NA
NA
Oscillator pins
XTAL
—
—
—
—
VDDPLL
NA
NA
XFC
—
—
—
—
VDDPLL
NA
NA
PLL Loop Filter
RESET
—
—
—
—
VDDx
Pull-
down
Disabled External Reset
TEST
1
—
—
—
—
NA
—
—
Test Input
TCK
—
—
—
—
VDDx
PIM
Pull-
down
JTAG TCK
TMS
—
—
—
—
VDDx
PIM
Pull-up
JTAG TMS
TDI
—
—
—
—
VDDx
PIM
Pull-up
JTAG TDI
TDO
—
—
—
—
VDDx
—
—
JTAG TDO
PA0
2
DATA[0]
SCITXD_A
None
—
VDDx
PIM
Disabled Port A0, External Data bus, eSCI_A serial
transmit data
PA12
DATA[1]
SCIRXD_A
None
—
VDDx
PIM
Disabled Port A1, External Data bus, eSCI_A serial
receive data
PA22
DATA[2]
None
None
—
VDDx
PIM
Disabled Port A2, External Data bus
PA32
DATA[3]
None
None
—
VDDx
PIM
Disabled Port A3, External Data bus
PA42
DATA[4]
None
None
—
VDDx
PIM
Disabled Port A4, External Data bus
PA52
DATA[5]
None
None
—
VDDx
PIM
Disabled Port A5, External Data bus
PA62
DATA[6]
None
None
—
VDDx
PIM
Disabled Port A6, External Data bus
PA72
DATA[7]
None
None
—
VDDx
PIM
Disabled Port A7, External Data bus
PA82
None
PCS4_B
None
—
VDDx
PIM
Disabled Port A8, DSPI_B chip select
PA92
None
PCS3_B
None
EVTI
3
VDDx
PIM
Disabled Port A9, DSPI_B chip select, Nexus Event In
PA102
None
PCS3_B
None
—
VDDx
PIM
Disabled Port A10, DSPI_B chip select
PA112
None
None
None
—
VDDx
PIM
Disabled Port A11
PA122
None
None
None
—
VDDx
PIM
Disabled Port A12
PA132
None
None
None
—
VDDx
PIM
Disabled Port A13
PA142
None
None
None
—
VDDx
PIM
Disabled Port A14
PA152
None
None
None
—
VDDx
PIM
Disabled Port A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com