Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 155Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 156Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 157Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 158Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 159Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 160Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 161Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 162Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 976 page
background image
Exception Handling
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
81
— SRAM access produces an ECC error
— Any SRAM access from $5000 to $7FFF (mirrored on a 32K boundary) — only on MAC72x2.
•
AIPS (See Section 9.9, “Peripheral Bus Memory Map” for a list of PACR/OPACR registers)
— User mode access to any AIPS slave with the corresponding SP bit set in the PACR/OPACR
register.
— Write to any AIPS slave with the corresponding WP bit set in the PACR/OPACR register.
— Any access from an untrusted master to any AIPS slave with the corresponding TP bit set in
the PACR/OPACR register.
— Any access to an AIPS slave that is not implemented (i.e.-marked as “Reserved” in the
documentation)
•
Access to a Peripheral Bus peripheral is aborted by the peripheral itself.
— Access to reserved addresses
— Access to locked registers (See AXBS registers for an example)
— Access to Supervisor only register when in User mode
The list is similar for the DMA, although the reporting mechanism is different (i.e.-no fault information is
available, only an error is reported). However, on the DMA, the contents of the TCD may be examined to
determine the cause of an aborted transfer.
Note that Instructions Aborts are only taken when the instruction enters the execution phase of the ARM7
pipeline.
In addition to flagging aborted instruction fetches, this exception is also used to implement the Non
Maskable Interrupt (NMI). Please refer to Section 7.3.4, “Non-Maskable Interrupt (NMI) for more details.
This means that the Instruction Abort ISR should first check to see if an NMI is pending before attempting
to service an aborted instruction fetch.
7.2.5
Data Abort
Address: $0000 0010
See Section 7.2.4, “Prefetch (Instruction) Abort” for details of special features. The Data Abort exception
is not used for the implementation of the NMI, and behaves as normal.
7.2.6
IRQ
Address: $0000 0018
7.2.7
FIQ
Address: $0000 001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com