Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 32 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 28Page - Texas Instruments XIO2001IPNP Datasheet HTML 29Page - Texas Instruments XIO2001IPNP Datasheet HTML 30Page - Texas Instruments XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments XIO2001IPNP Datasheet HTML 33Page - Texas Instruments XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
3.7
PCI Interrupt Conversion to PCI Express Messages
The bridge converts interrupts from the PCI bus sideband interrupt signals to PCI Express interrupt
messages.
Table 3-7, Figure 3-7, and Figure 3-8 illustrate the format for both the assert and deassert INTx
messages.
Table 3-7. Interrupt Mapping
In The Code Field
INTERRUPT
CODE FIELD
INTA
00
INTB
01
INTC
10
INTD
11
Figure 3-7. PCI Express ASSERT_INTX Message
Figure 3-8. PCI Express DEASSERT_INTX Message
3.8
PME Conversion to PCI Express Messages
When the PCI bus PME input transitions low, the bridge generates and sends a PCI Express PME
message upstream. The requester ID portion of the PME message uses the stored value in the secondary
bus number register as the bus number, 0 as the device number, and 0 as the function number. The Tag
field for each PME message is 00h. A PME message is sent periodically until the PME signal transitions
high.
Figure 3-9 illustrates the format for a PCI Express PME message.
32
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com