Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 69 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 65Page - Texas Instruments XIO2001IPNP Datasheet HTML 66Page - Texas Instruments XIO2001IPNP Datasheet HTML 67Page - Texas Instruments XIO2001IPNP Datasheet HTML 68Page - Texas Instruments XIO2001IPNP Datasheet HTML 69Page - Texas Instruments XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 4-30. Link Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
12
SCC
R
Slot clock configuration. This bit indicates that the bridge uses the same physical reference
clock that the platform provides on the connector. If the bridge uses an independent clock
irrespective of the presence of a reference on the connector, then this bit must be cleared.
0 = Independent 125-MHz reference clock is used
1 = Common 100-MHz reference clock is used
11
LT
R
Link training. This bit has no function and is read-only 0b.
10
TE
R
Retrain link. This bit has no function and is read-only 0b.
9:4
NLW
R
Negotiated link width. This field is read-only 00 0001b indicating the lane width is x1.
3:0
LS
R
Link speed. This field is read-only 1h indicating the link speed is 2.5 Gb/s.
4.55 Serial-Bus Data Register
The serial-bus data register reads and writes data on the serial-bus interface. Write data is loaded into this
register prior to writing the serial-bus slave address register (offset B2h, see Section 4.57) that initiates the
bus cycle. When reading data from the serial bus, this register contains the data read after bit 5
(REQBUSY) of the serial-bus control and status register (offset B3h, see Section 4.58) is cleared. This
register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B0h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.56 Serial-Bus Word Address Register
The value written to the serial-bus word address register represents the word address of the byte being
read from or written to the serial-bus device. The word address is loaded into this register prior to writing
the serial-bus slave address register (offset B2h, see Section 4.57) that initiates the bus cycle. This
register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B1h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
69
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com