Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 97 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 93Page - Texas Instruments XIO2001IPNP Datasheet HTML 94Page - Texas Instruments XIO2001IPNP Datasheet HTML 95Page - Texas Instruments XIO2001IPNP Datasheet HTML 96Page - Texas Instruments XIO2001IPNP Datasheet HTML 97Page - Texas Instruments XIO2001IPNP Datasheet HTML 98Page - Texas Instruments XIO2001IPNP Datasheet HTML 99Page - Texas Instruments XIO2001IPNP Datasheet HTML 100Page - Texas Instruments XIO2001IPNP Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
5.8
Advanced Error Capabilities and Control Register
The advanced error capabilities and control register allows the system to monitor and control the
advanced error reporting capabilities. See Table 5-7 for a complete description of the register contents.
PCI Express extended register
118h
offset:
Register type:
Read-only, Read/Write
Default value:
0000 00A0h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
Table 5-7. Advanced Error Capabilities and Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:9
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000 0000b when read.
8(1)
ECRC_CHK_EN
RW
Extended CRC check enable
0 = Extended CRC checking is disabled
1 = Extended CRC checking is enabled
7
ECRC_CHK_CAPABLE
R
Extended CRC check capable. This read-only bit returns a value of 1b indicating that the
bridge is capable of checking extended CRC information.
6 (1)
ECRC_GEN_EN
RW
Extended CRC generation enable
0 = Extended CRC generation is disabled
1 = Extended CRC generation is enabled
5
ECRC_GEN_CAPABLE
R
Extended CRC generation capable. This read-only bit returns a value of 1b indicating
that the bridge is capable of generating extended CRC information.
4:0 (1)
FIRST_ERR
RU
First error pointer. This 5-bit value reflects the bit position within the uncorrectable error
status register (offset 104h, see Section 5.3) corresponding to the class of the first error
condition that was detected.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
5.9
Header Log Register
The header log register stores the TLP header for the packet that lead to the most recently detected error
condition. Offset 11Ch contains the first DWORD. Offset 128h contains the last DWORD (in the case of a
4DW TLP header). Each DWORD is stored with the least significant byte representing the earliest
transmitted. This register shall only be reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset.
PCI Express extended register offset:
11Ch, 120h, 124h, and 128h
Register type:
Read-only
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Copyright © 2009–2010, Texas Instruments Incorporated
PCI Express Extended Configuration Space
97
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com