Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 35 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments XIO2001IPNP Datasheet HTML 33Page - Texas Instruments XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 131 page
background image
GPIO4 // SCL
GPIO3 // SDA
VDD_33
A0
A1
A2
SCL
SDA
XIO2001
Serial
EEPROM
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
edge of PERST or GRST, whichever occurs later in time, the SCL terminal is checked for a pullup resistor.
If one is detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see Section 4.58)
is set. Software may disable the serial-bus interface at any time by writing a 0b to the SBDETECT bit. If
no external EEPROM is required, then the serial-bus interface is permanently disabled by attaching a
pulldown resistor to the SCL signal.
The bridge implements a two-terminal serial interface with one clock signal (SCL) and one data signal
(SDA). The SCL signal is a unidirectional output from the bridge and the SDA signal is bidirectional. Both
are open-drain signals and require pullup resistors. The bridge is a bus master device and drives SCL at
approximately 60 kHz during data transfers and places SCL in a high-impedance state (0 frequency)
during bus idle states. The serial EEPROM is a bus slave device and must acknowledge a slave address
equal to A0h. Figure 3-13 illustrates an example application implementing the two-wire serial bus.
Figure 3-13. Serial EEPROM Application
3.10.2 Serial-Bus Interface Protocol
All data transfers are initiated by the serial-bus master. The beginning of a data transfer is indicated by a
start condition, which is signaled when the SDA line transitions to the low state while SCL is in the high
state, as illustrated in Figure 3-14. The end of a requested data transfer is indicated by a stop condition,
which is signaled by a low-to-high transition of SDA while SCL is in the high state, as shown in
Figure 3-14. Data on SDA must remain stable during the high state of the SCL signal, as changes on the
SDA signal during the high state of SCL are interpreted as control signals, that is, a start or stop condition.
Figure 3-14. Serial-Bus Start/Stop Conditions and Bit Transfers
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
35
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com