Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 15 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 11Page - Texas Instruments XIO2001IPNP Datasheet HTML 12Page - Texas Instruments XIO2001IPNP Datasheet HTML 13Page - Texas Instruments XIO2001IPNP Datasheet HTML 14Page - Texas Instruments XIO2001IPNP Datasheet HTML 15Page - Texas Instruments XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments XIO2001IPNP Datasheet HTML 18Page - Texas Instruments XIO2001IPNP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
2.6
Terminal Descriptions
The following tables give a description of the terminals. These terminals are grouped in tables by
functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description.
The following list describes the different input/output cell types that appear in the terminal description
tables:
•
HS DIFF IN = High speed differential input
•
HS DIFF OUT = High speed differential output
•
PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail.
•
LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail
•
BIAS = Input/output terminals that generate a bias voltage to determine a driver's operating current
•
Feed through = these terminals connect directly to macros within the part and not through an input or
output cell.
•
PWR = Power terminal
•
GND = Ground terminal
Table 2-1. Power Supply Terminals
ZGU
ZAJ
PNP
I/O
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
PARTS
PCIR
A01, K03
D03, J03
I/O
Resistor
PCI Rail. 5.0-V or 3.3-V PCI bus clamp voltage to set
maximum I/O voltage tolerance of the secondary PCI
bus signals. Connect this terminal to the secondary
PCI bus I/O clamp rail through a 1k
Ω resistor.
VDD_15
G04, K07,
J08, H08,
21, 53, 113
PWR
Bypass
1.5-V digital core power terminals
D07, H10,
J07, G08,
capacitors
G10, F10
N13, K13,
G11, F11
VDDA_15
F13, H13
E12, H12
PWR
Pi filter
1.5-V analog power terminal
VDD_33
E04, H03,
E05, G06,
7, 19, 33, 46,
PWR
Bypass
3.3-V digital I/O power terminal
J04, L08,
H07, G07,
62, 100, 111,
capacitors
K09, D09,
H06, F08,
126
C07, D05,
F07, F06,
J12
J11
VDD_33_AUX
J11
J12
73
PWR
Bypass
3.3-V auxiliary power terminal Note: This terminal is
capacitors
connected to VSS through a pulldown resistor if no
auxiliary supply is present.
VDDA_33
D13
C12
PWR
Pi filter
3.3-V analog power terminal
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
15
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com