Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 61 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 57Page - Texas Instruments XIO2001IPNP Datasheet HTML 58Page - Texas Instruments XIO2001IPNP Datasheet HTML 59Page - Texas Instruments XIO2001IPNP Datasheet HTML 60Page - Texas Instruments XIO2001IPNP Datasheet HTML 61Page - Texas Instruments XIO2001IPNP Datasheet HTML 62Page - Texas Instruments XIO2001IPNP Datasheet HTML 63Page - Texas Instruments XIO2001IPNP Datasheet HTML 64Page - Texas Instruments XIO2001IPNP Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
4.41 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge.
This register reads 70h pointing to the subsystem ID capabilities registers.
PCI register offset:
51h
Register type:
Read-only
Default value:
70h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
1
1
0
0
0
0
4.42 MSI Message Control Register
This register controls the sending of MSI messages. See Table 4-21 for a complete description of the
register contents.
PCI register offset:
52h
Register type:
Read-only, Read/Write
Default value:
0088h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
1
0
0
0
1
0
0
0
Table 4-21. MSI Message Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
7
64CAP
R
64-bit message capability. This bit is read-only 1b indicating that the bridge supports 64-bit
MSI message addressing.
6:4
MM_EN
RW
Multiple message enable. This bit indicates the number of distinct messages that the
bridge is allowed to generate.
000 = 1 message (default)
001 = 2 messages
010 = 4 messages
011 = 8 messages
100 = 16 messages
101 = Reserved
110 = Reserved
111 = Reserved
3:1
MM_CAP
R
Multiple message capabilities. This field indicates the number of distinct messages that
bridge is capable of generating. This field is read-only 100b indicating that the bridge can
signal 1 interrupt for each IRQ supported on the serial IRQ stream up to a maximum of 16
unique interrupts.
0
MSI_EN
RW
MSI enable. This bit enables MSI interrupt signaling. MSI signaling must be enabled by
software for the bridge to signal that a serial IRQ has been detected.
0 = MSI signaling is prohibited (default)
1 = MSI signaling is enabled
4.43 MSI Message Lower Address Register
This register contains the lower 32 bits of the address that a MSI message writes to when a serial IRQ is
detected. See Table 4-22 for a complete description of the register contents.
PCI register offset:
54h
Register type:
Read-only, Read/Write
Default value:
0000 0000h
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
61
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com