Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 60 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 56Page - Texas Instruments XIO2001IPNP Datasheet HTML 57Page - Texas Instruments XIO2001IPNP Datasheet HTML 58Page - Texas Instruments XIO2001IPNP Datasheet HTML 59Page - Texas Instruments XIO2001IPNP Datasheet HTML 60Page - Texas Instruments XIO2001IPNP Datasheet HTML 61Page - Texas Instruments XIO2001IPNP Datasheet HTML 62Page - Texas Instruments XIO2001IPNP Datasheet HTML 63Page - Texas Instruments XIO2001IPNP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.38 Power Management Bridge Support Extension Register
This read-only register indicates to host software what the state of the secondary bus will be when the
bridge is placed in D3. See Table 4-20 for a complete description of the register contents.
PCI register offset:
4Eh
Register type:
Read-only
Default value:
40h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
0
0
0
0
0
Table 4-20. PM Bridge Support Extension Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
BPCC
R
Bus power/clock control enable. This bit indicates to the host software if the bus secondary
clocks are stopped when the bridge is placed in D3. The state of the BPCC bit is
controlled by bit 11 (BPCC_E) in the general control register (offset D4h, see
Section 4.65).
0 = The secondary bus clocks are not stopped in D3
1 = The secondary bus clocks are stopped in D3
6
BSTATE
R
B2/B3 support. This bit is read-only 1b indicating that the bus state in D3 is B2.
5:0
RSVD
R
Reserved. Returns 00 0000b when read.
4.39 Power Management Data Register
The read-only register is not applicable to the bridge and returns 00h when read.
PCI register offset:
4Fh
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.40 MSI Capability ID Register
This read-only register identifies the linked list item as the register for message signaled interrupts
capabilities. The register returns 05h when read.
PCI register offset:
50h
Register type:
Read-only
Default value:
05h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
1
60
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com