Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 48 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 44Page - Texas Instruments XIO2001IPNP Datasheet HTML 45Page - Texas Instruments XIO2001IPNP Datasheet HTML 46Page - Texas Instruments XIO2001IPNP Datasheet HTML 47Page - Texas Instruments XIO2001IPNP Datasheet HTML 48Page - Texas Instruments XIO2001IPNP Datasheet HTML 49Page - Texas Instruments XIO2001IPNP Datasheet HTML 50Page - Texas Instruments XIO2001IPNP Datasheet HTML 51Page - Texas Instruments XIO2001IPNP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 4-5. Device Control Base Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:12
ADDRESS
R or RW
Memory Address. The memory address field for XIO2001 uses 20 read/write bits indicating
that 4096 bytes of memory space are required. While less than this is actually used, typical
systems will allocate this space on a 4K boundary. If the BAR0_EN bit (bit 5 at C8h) is ‘0’,
then these bits are read-only and return zeros when read. If the BAR0_EN bit is ‘1’, then
these bits are read/write.
11:4
RSVD
R
Reserved. These bits are read-only and return 00h when read.
3
PRE_FETCH
R
Prefetchable. This bit is read-only 0b indicating that this memory window is not prefetchable.
2:1
MEM_TYPE
R
Memory type. This field is read-only 00b indicating that this window can be located anywhere
in the 32-bit address space.
0
MEM_IND
R
Memory space indicator. This field returns 0b indicating that memory space is used.
4.11 Primary Bus Number Register
This read/write register specifies the bus number of the PCI bus segment that the PCI Express interface is
connected to.
PCI register offset:
18h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.12 Secondary Bus Number Register
This read/write register specifies the bus number of the PCI bus segment that the PCI interface is
connected to. The bridge uses this register to determine how to respond to a type 1 configuration
transaction.
PCI register offset:
19h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.13 Subordinate Bus Number Register
This read/write register specifies the bus number of the highest number PCI bus segment that is
downstream of the bridge. The bridge uses this register to determine how to respond to a type 1
configuration transaction.
PCI register offset:
1Ah
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
48
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com