Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 95 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 91Page - Texas Instruments XIO2001IPNP Datasheet HTML 92Page - Texas Instruments XIO2001IPNP Datasheet HTML 93Page - Texas Instruments XIO2001IPNP Datasheet HTML 94Page - Texas Instruments XIO2001IPNP Datasheet HTML 95Page - Texas Instruments XIO2001IPNP Datasheet HTML 96Page - Texas Instruments XIO2001IPNP Datasheet HTML 97Page - Texas Instruments XIO2001IPNP Datasheet HTML 98Page - Texas Instruments XIO2001IPNP Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 5-4. Uncorrectable Error Severity Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
12 (1)
PSN_TLP_SEVR
RW
Poisoned TLP severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
11:6
RSVD
R
Reserved. Returns 000 000b when read.
5
SD_ERROR_SEVR
R
SD error severity. Not supported, returns 1b when read.
4 (1)
DLL_ERROR_SEVR
RW
Data link protocol error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
3:1
RSVD
R
Reserved. Retirms 000b wjem read/
0
RSVD
R
Reserved. Returns 1h when read.
5.6
Correctable Error Status Register
The correctable error status register reports the status of individual errors as they occur. Software may
only clear these bits by writing a 1b to the desired location. See Table 5-5 for a complete description of
the register contents.
PCI Express extended register offset:
110h
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-5. Correctable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
13(1)
ANFES
RCU
Advisory Non-Fatal Error Status. This bit is asserted when an Advisor Non-Fatal Error has
been reported.
12 (1)
REPLAY_TMOUT
RCU
Replay timer time-out. This bit is asserted when the replay timer expires for a pending request
or completion that has not been acknowledged.
11:9
RSVD
R
Reserved. Returns 000b when read.
8 (1)
REPLAY_ROLL
RCU
REPLAY_NUM rollover. This bit is asserted when the replay counter rolls over after a pending
request or completion has not been acknowledged.
7 (1)
BAD_DLLP
RCU
Bad DLLP error. This bit is asserted when an 8b/10b error was detected by the PHY during
the reception of a DLLP.
6 (1)
BAD_TLP
RCU
Bad TLP error. This bit is asserted when an 8b/10b error was detected by the PHY during the
reception of a TLP.
5:1
RSVD
R
Reserved. Returns 00000b when read.
0 (1)
RX_ERROR
RCU
Receiver error. This bit is asserted when an 8b/10b error is detected by the PHY at any time.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
PCI Express Extended Configuration Space
95
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com