Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 74 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments XIO2001IPNP Datasheet HTML 74Page - Texas Instruments XIO2001IPNP Datasheet HTML 75Page - Texas Instruments XIO2001IPNP Datasheet HTML 76Page - Texas Instruments XIO2001IPNP Datasheet HTML 77Page - Texas Instruments XIO2001IPNP Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 4-36. Control and Diagnostic Register 1 Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
5:2(1)
L0s_TIMER
RW
L0s entry timer. This field specifies the value (in 62.5-MHz clock ticks) of the L0s entry timer.
This field defaults to 0010b.
1:0(1)
RSVD
RW
Reserved. Bits 1:0 default to 00b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00b.
4.63 Control and Diagnostic Register 2
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-37 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C8h
Register type:
Read/Write
Default value:
3214 2000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
1
1
0
0
1
0
0
0
0
1
0
1
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-37. Control and Diagnostic Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24(1) N_FTS_
RW
N_FTS for asynchronous clock. When bit 6 (CCC) of the link control register (offset A0h, see
ASYNC_CLK
Section 4.53) is clear, the value in this field is the number of FTS that are sent on a transition from
L0s to L0. This field shall default to 32h.
23:16(1) N_FTS_
RW
N_FTS for common clock. When bit 6 (CCC) of the link control register (offset A0h, see Section 4.53)
COMMON_
is set, the value in this field is the number of FTS that are sent on a transition from L0s to L0. This
CLK
field defaults to 14h.
15:13
PHY_REV
R
PHY revision number
12:8 (1)
LINK_NUM
RW
Link number
7(1)
EN_L2_PWR_
RW
Enable L2 Power Savings
SAVE
0= Power savings not enabled when in L2
1= Power savings enabled when in L2.
6
RSVD
R
Reserved. Returns 0b when read.
5(1)
BAR0_EN
RW
BAR 0 Enable.
0 = BAR at offset 10h is disabled (default)
1 = BAR at offset 10h is enabled
4:0(1)
RSVD
RW
Reserved. Bits 4:0 default to 00000b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00000b.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.64 Subsystem Access Register
The contents of this read/write register are aliased to the subsystem vendor ID and subsystem ID registers
at PCI offsets 84h and 86h. See Table 4-38 for a complete description of the register contents.
PCI register offset:
D0h
Register type:
Read/Write
Default value:
0000 0000h
74
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com