Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 93 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 89Page - Texas Instruments XIO2001IPNP Datasheet HTML 90Page - Texas Instruments XIO2001IPNP Datasheet HTML 91Page - Texas Instruments XIO2001IPNP Datasheet HTML 92Page - Texas Instruments XIO2001IPNP Datasheet HTML 93Page - Texas Instruments XIO2001IPNP Datasheet HTML 94Page - Texas Instruments XIO2001IPNP Datasheet HTML 95Page - Texas Instruments XIO2001IPNP Datasheet HTML 96Page - Texas Instruments XIO2001IPNP Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
5.4
Uncorrectable Error Mask Register
The uncorrectable error mask register controls the reporting of individual errors as they occur. When a
mask bit is set to 1b, the corresponding error status bit is not set, PCI Express error messages are
blocked, the header log is not loaded, and the first error pointer is not updated. See Table 5-3 for a
complete description of the register contents.
PCI Express extended register offset:
108h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-3. Uncorrectable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:22
RSVD
R
Reserved. Returns 000 0000 0000b when read.
21
ACS_VIOLATION_MASK
RW
ACS Violation mask. Not supported, this bit returns 0b when read.
20(1)
UR_ERROR_MASK
RW
Unsupported request error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
19 (1)
ECRC_ERROR_MASK
RW
Extended CRC error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
18 (1)
MAL_TLP_MASK
RW
Malformed TLP mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
17 (1)
RX_OVERFLOW_MASK
RW
Receiver overflow mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
16 (1)
UNXP_CPL_MASK
RW
Unexpected completion mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
15 (1)
CPL_ABORT_MASK
RW
Completer abort mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
14 (1)
CPL_TIMEOUT_MASK
RW
Completion time-out mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
13 (1)
FC_ERROR_MASK
RW
Flow control error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
12 (1)
PSN_TLP_MASK
RW
Poisoned TLP mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
11:6
RSVD
R
Reserved. Returns 000 0000b when read.
5
SD_ERROR_MASK
R
SD error mask. Not supported, returns 0b when read.
4 (1)
DLL_ERROR_MASK
RW
Data link protocol error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
PCI Express Extended Configuration Space
93
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com