Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 64 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 60Page - Texas Instruments XIO2001IPNP Datasheet HTML 61Page - Texas Instruments XIO2001IPNP Datasheet HTML 62Page - Texas Instruments XIO2001IPNP Datasheet HTML 63Page - Texas Instruments XIO2001IPNP Datasheet HTML 64Page - Texas Instruments XIO2001IPNP Datasheet HTML 65Page - Texas Instruments XIO2001IPNP Datasheet HTML 66Page - Texas Instruments XIO2001IPNP Datasheet HTML 67Page - Texas Instruments XIO2001IPNP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.49 Device Capabilities Register
The device capabilities register indicates the device specific capabilities of the bridge. See Table 4-25 for
a complete description of the register contents.
PCI register offset:
74h
Register type:
Read-only
Default value:
0000 8D82
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
1
0
0
0
1
1
0
1
1
0
0
0
0
0
1
0
Table 4-25. Device Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:28
RSVD
R
Reserved. Returns 0h when read.
27:26
CSPLS
RU
Captured slot power limit scale. The value in this field is programmed by the host by issuing a
Set_Slot_Power_Limit message. When a Set_Slot_Power_Limit message is received, bits 9:8
are written to this field. The value in this field specifies the scale used for the slot power limit.
00 = 1.0x
01 = 0.1x
10 = 0.01x
11 = 0.001x
25:18
CSPLV
RU
Captured slot power limit value. The value in this field is programmed by the host by issuing a
Set_Slot_Power_Limit message. When a Set_Slot_Power_Limit message is received, bits 7:0
are written to this field. The value in this field in combination with the slot power limit scale value
(bits 27:26) specifies the upper limit of power supplied to the slot. The power limit is calculated
by multiplying the value in this field by the value in the slot power limit scale field.
17:16
RSVD
R
Reserved. Return 00b when read.
15
RBER
R
Role based error reporting. This bit is hardwired to 1 indicating that this bridge supports Role
Based Error Reporting.
14
PIP
R
Power indicator present. This bit is hardwired to 0b indicating that a power indicator is not
implemented.
13
AIP
R
Attention indicator present. This bit is hardwired to 0b indicating that an attention indicator is not
implemented.
12
ABP
R
Attention button present. This bit is hardwired to 0b indicating that an attention button is not
implemented.
11:9
EP_L1_LAT
RU
Endpoint L1 acceptable latency. This field indicates the maximum acceptable latency for a
transition from L1 to L0 state. This field can be programmed by writing to the L1_LATENCY
field (bits 15:13) in the general control register (offset D4h, see Section 4.65). The default value
for this field is 110b which indicates a range from 32ms to 64ms. This field cannot be
programmed to be less than the latency for the PHY to exit the L1 state.
8:6
EP_L0S_LAT
RU
Endpoint L0s acceptable latency. This field indicates the maximum acceptable latency for a
transition from L0s to L0 state. This field can be programmed by writing to the L0s_LATENCY
field (bits 18:16) in the general control register (offset D4h, see Section 4.65). The default value
for this field is 110b which indicates a range from 2ms to 4ms. This field cannot be programmed
to be less than the latency for the PHY to exit the L0s state.
5
ETFS
R
Extended tag field supported. This field indicates the size of the tag field not supported.
4:3
PFS
R
Phantom functions supported. This field is read-only 00b indicating that function numbers are
not used for phantom functions.
2:0
MPSS
R
Maximum payload size supported. This field indicates the maximum payload size that the
device can support for TLPs. This field is encoded as 010b indicating the maximum payload
size for a TLP is 512 bytes.
64
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com