Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 37 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 33Page - Texas Instruments XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Figure 3-17. Serial-Bus Protocol – Byte Read
Figure 3-18 illustrates the serial interface protocol during a multi-byte serial EEPROM download. The
serial-bus protocol starts exactly the same as a 1-byte read. The only difference is that multiple data bytes
are transferred. The number of transferred data bytes is controlled by the bridge master. After each data
byte, the bridge master issues acknowledge (logic low) if more data bytes are requested. The transfer
ends after a bridge master no acknowledge (logic high) followed by a stop condition.
Figure 3-18. Serial-Bus Protocol – Multibyte Read
Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of
the three previous serial-bus protocol figures illustrates the PROT_SEL bit default (logic low). When this
control bit is asserted, the word address and corresponding acknowledge are removed from the serial-bus
protocol. This feature allows the system designer a second serial-bus protocol option when selecting
external EEPROM devices.
3.10.3 Serial-Bus EEPROM Application
The registers and corresponding bits that are loaded through the EEPROM are provided in Table 3-8.
Table 3-8. EEPROM Register Loading Map
SERIAL EEPROM WORD
BYTE DESCRIPTION
ADDRESS
00h
PCI-Express to PCI bridge function indicator (00h)
01h
Number of bytes to download (25h)
02h
PCI 44h, subsystem vendor ID, byte 0
03h
PCI 45h, subsystem vendor ID, byte 1
04h
PCI 46h, subsystem ID, byte 0s
05h
PCI 47h, subsystem ID, byte 1s
06h
PCI D4h, general control, byte 0
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
37
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com