Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 81 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 77Page - Texas Instruments XIO2001IPNP Datasheet HTML 78Page - Texas Instruments XIO2001IPNP Datasheet HTML 79Page - Texas Instruments XIO2001IPNP Datasheet HTML 80Page - Texas Instruments XIO2001IPNP Datasheet HTML 81Page - Texas Instruments XIO2001IPNP Datasheet HTML 82Page - Texas Instruments XIO2001IPNP Datasheet HTML 83Page - Texas Instruments XIO2001IPNP Datasheet HTML 84Page - Texas Instruments XIO2001IPNP Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
4.69 Arbiter Control Register
The arbiter control register controls the bridge internal arbiter. The arbitration scheme used is a two-tier
rotational arbitration. The bridge is the only secondary bus master that defaults to the higher priority
arbitration tier. See Table 4-43 for a complete description of the register contents.
PCI register offset:
DCh
Register type:
Read/Write
Default value:
40h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
0
0
0
0
0
Table 4-43. Clock Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
Bus parking mode. This bit determines where the internal arbiter parks the secondary bus.
When this bit is set, the arbiter parks the secondary bus on the bridge. When this bit is
cleared, the arbiter parks the bus on the last device mastering the secondary bus.
PARK
RW
0 = Park the secondary bus on the last secondary bus master (default)
1 = Park the secondary bus on the bridge
6 (1)
Bridge tier select. This bit determines in which tier the bridge is placed in the arbitration
scheme.
BRIDGE_TIER_SEL
RW
0 = Lowest priority tier
1 = Highest priority tier (default)
5(1)
GNT5 tier select. This bit determines in which tier GNT5 is placed in the arbitration
scheme.
TIER_SEL5
RW
0 = Lowest priority tier (default)
1 = Highest priority tier
4(1)
GNT4 tier select. This bit determines in which tier GNT4 is placed in the arbitration
scheme.
TIER_SEL4
RW
0 = Lowest priority tier (default)
1 = Highest priority tier
3(1)
GNT3 tier select. This bit determines in which tier GNT3 is placed in the arbitration
scheme.
TIER_SEL3
RW
0 = Lowest priority tier (default)
1 = Highest priority tier
2(1)
GNT2 tier select. This bit determines in which tier GNT2 is placed in the arbitration
scheme.
TIER_SEL2
RW
0 = Lowest priority tier (default)
1 = Highest priority tier
1(1)
GNT1 tier select. This bit determines in which tier GNT1 is placed in the arbitration
scheme.
TIER_SEL1
RW
0 = Lowest priority tier (default)
1 = Highest priority tier
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
81
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com