Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 54 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 50Page - Texas Instruments XIO2001IPNP Datasheet HTML 51Page - Texas Instruments XIO2001IPNP Datasheet HTML 52Page - Texas Instruments XIO2001IPNP Datasheet HTML 53Page - Texas Instruments XIO2001IPNP Datasheet HTML 54Page - Texas Instruments XIO2001IPNP Datasheet HTML 55Page - Texas Instruments XIO2001IPNP Datasheet HTML 56Page - Texas Instruments XIO2001IPNP Datasheet HTML 57Page - Texas Instruments XIO2001IPNP Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 4-16. I/O Limit Upper 16-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
I/O limit upper 16 bits. Defines the upper 16 bits of the top address of the I/O address range that
15:0
IOLIMIT
RW
determines when to forward I/O transactions downstream. These bits correspond to address bits
[31:20] in the I/O address. The lower 20 bits are assumed to be FFFFFh.
4.26 Capabilities Pointer Register
This read-only register provides a pointer into the PCI configuration header where the PCI power
management block resides. Since the PCI power management registers begin at 40h, this register is
hardwired to 40h.
PCI register offset:
34h
Register type:
Read-only
Default value:
40h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
0
0
0
0
0
4.27 Interrupt Line Register
This read/write register is programmed by the system and indicates to the software which interrupt line the
bridge has assigned to it. The default value of this register is FFh, indicating that an interrupt line has not
yet been assigned to the function. Since the bridge does not generate interrupts internally, this register is
a scratch pad register.
PCI register offset:
3Ch
Register type:
Read/Write
Default value:
FFh
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
1
1
1
1
1
1
1
1
4.28 Interrupt Pin Register
The interrupt pin register is read-only 00h indicating that the bridge does not generate internal interrupts.
While the bridge does not generate internal interrupts, it does forward interrupts from the secondary
interface to the primary interface.
PCI register offset:
3Dh
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
54
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com