Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 40 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments XIO2001IPNP Datasheet HTML 43Page - Texas Instruments XIO2001IPNP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
If the bridge is the target of a PCI transaction that is forwarded to the PCI Express interface and a data
parity error is detected, then this information is passed to the PCI Express interface. To do this, the bridge
sets the EP bit in the upstream PCI Express header.
3.13 General-Purpose I/O Interface
Up to five general-purpose input/output (GPIO) terminals are provided for system customization. These
GPIO terminals are 3.3-V tolerant.
The exact number of GPIO terminals varies based on implementing the clock run, power override, and
serial EEPROM interface features. These features share four of the five GPIO terminals. When any of the
three shared functions are enabled, the associated GPIO terminal is disabled.
All five GPIO terminals are individually configurable as either inputs or outputs by writing the
corresponding bit in the GPIO control register at offset B4h (See Section 4.59). A GPIO data register at
offset B6h exists to either read the logic state of each GPIO input or to set the logic state of each GPIO
output. The power-up default state for the GPIO control register is input mode.
3.14 Set Slot Power Limit Functionality
The PCI Express Specification provides a method for devices to limit internal functionality and save power
based on the value programmed into the captured slot power limit scale (CSPLS) and capture slot power
limit value (CSPLV) fields of the PCI Express device capabilities register at offset 74h. See Section 4.49,
Device Capabilities Register, for details. The bridge writes these fields when a set slot power limit
message is received on the PCI Express interface.
After the deassertion of PERST, the XIO2001 compares the information within the CSPLS and CSPLV
fields of the device capabilities register to the minimum power scale (MIN_POWER_SCALE) and minimum
power value (MIN_POWER_VALUE) fields in the general control register at offset D4h. See Section 4.65,
General
Control
Register,
for
details.
If
the
CSPLS
and
CSPLV
fields
are
less
than
the
MIN_POWER_SCALE and MIN_POWER_VALUE fields, respectively, then the bridge takes the
appropriate action that is defined below.
The power usage action is programmable within the bridge. The general control register includes a 3-bit
POWER_OVRD field. This field is programmable to the following options:
1. Ignore slot power limit fields.
2. Assert the PWR_OVRD terminal.
3. Disable secondary clocks as specified by the clock mask register at offset D9h (see Section 4.67).
4. Disable secondary clocks as specified by the clock mask register and assert the PWR_OVRD terminal.
5. Respond with unsupported request to all transactions except type 0/1 configuration transactions and
set slot power limit messages
3.15 PCI Express and PCI Bus Power Management
The bridge supports both software-directed power management and active state power management
through standard PCI configuration space. Software-directed registers are located in the power
management capabilities structure located at offset 48h (see Section 4.31). Active state power
management control registers are located in the PCI Express capabilities structure located at offset 70h
(see Section 4.41).
During software-directed power management state changes, the bridge initiates link state transitions to L1
or L2/L3 after a configuration write transaction places the device in a low power state. The power
management state machine is also responsible for gating internal clocks based on the power state.
Table 3-10 identifies the relationship between the D-states and bridge clock operation.
40
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com