Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 87 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 83Page - Texas Instruments XIO2001IPNP Datasheet HTML 84Page - Texas Instruments XIO2001IPNP Datasheet HTML 85Page - Texas Instruments XIO2001IPNP Datasheet HTML 86Page - Texas Instruments XIO2001IPNP Datasheet HTML 87Page - Texas Instruments XIO2001IPNP Datasheet HTML 88Page - Texas Instruments XIO2001IPNP Datasheet HTML 89Page - Texas Instruments XIO2001IPNP Datasheet HTML 90Page - Texas Instruments XIO2001IPNP Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
4.74 Serial IRQ Status Register
This register indicates when a level mode IRQ is signaled on the serial IRQ stream. After a level mode
IRQ is signaled, a write-back of 1b to the asserted IRQ status bit re-arms the interrupt. IRQ interrupts that
are defined as edge mode in the serial IRQ edge control register are not reported in this status register.
See Table 4-48 for a complete description of the register contents.
PCI register offset:
E4h
Register type:
Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-48. Serial IRQ Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
IRQ 15 asserted. This bit indicates that the IRQ15 has been asserted.
15(1)
IRQ15
RCU
0 = Deasserted
1 = Asserted
IRQ 14 asserted. This bit indicates that the IRQ14 has been asserted.
14(1)
IRQ14
RCU
0 = Deasserted
1 = Asserted
IRQ 13 asserted. This bit indicates that the IRQ13 has been asserted.
13(1)
IRQ13
RCU
0 = Deasserted
1 = Asserted
IRQ 12 asserted. This bit indicates that the IRQ12 has been asserted.
12(1)
IRQ12
RCU
0 = Deasserted
1 = Asserted
IRQ 11 asserted. This bit indicates that the IRQ11 has been asserted.
11(1)
IRQ11
RCU
0 = Deasserted
1 = Asserted
IRQ 10 asserted. This bit indicates that the IRQ10 has been asserted.
10(1)
IRQ10
RCU
0 = Deasserted
1 = Asserted
IRQ 9 asserted. This bit indicates that the IRQ9 has been asserted.
9(1)
IRQ9
RCU
0 = Deasserted
1 = Asserted
IRQ 8 asserted. This bit indicates that the IRQ8 has been asserted.
8(1)
IRQ8
RCU
0 = Deasserted
1 = Asserted
IRQ 7 asserted. This bit indicates that the IRQ7 has been asserted.
7(1)
IRQ7
RCU
0 = Deasserted
1 = Asserted
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
87
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com