Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 70 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 66Page - Texas Instruments XIO2001IPNP Datasheet HTML 67Page - Texas Instruments XIO2001IPNP Datasheet HTML 68Page - Texas Instruments XIO2001IPNP Datasheet HTML 69Page - Texas Instruments XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments XIO2001IPNP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.57 Serial-Bus Slave Address Register
The serial-bus slave address register indicates the slave address of the device being targeted by the
serial-bus cycle. This register also indicates if the cycle is a read or a write cycle. Writing to this register
initiates the cycle on the serial interface. See Table 4-31 for a complete description of the register
contents.
PCI register offset:
B2h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4-31. Serial-Bus Slave Address Register Descriptions
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:1(1)
SLAVE_ADDR
RW
Serial-bus slave address. This 7-bit field is the slave address for a serial-bus read or write
transaction. The default value for this field is 000 0000b.
0(1)
RW_CMD
RW
Read/write command. This bit determines if the serial-bus cycle is a read or a write cycle.
0 = A single byte write is requested (default).
1 = A single byte read is requested.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.58 Serial-Bus Control and Status Register
The serial-bus control and status register controls the behavior of the serial-bus interface. This register
also provides status information about the state of the serial bus. See Table 4-32 for a complete
description of the register contents.
PCI register offset:
B3h
Register type:
Read-only, Read/Write, Read/Clear
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4-32. Serial-Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
PROT_SEL
RW
Protocol select. This bit selects the serial-bus address mode used.
0 = Slave address and word address are sent on the serial-bus (default)
1 = Only the slave address is sent on the serial-bus
6
RSVD
R
Reserved. Returns 0b when read.
5 (1)
REQBUSY
RU
Requested serial-bus access busy. This bit is set when a software-initiated serial-bus cycle
is in progress.
0 = No serial-bus cycle
1 = Serial-bus cycle in progress
4 (1)
ROMBUSY
RU
Serial EEPROM access busy. This bit is set when the serial EEPROM circuitry in the bridge
is downloading register defaults from a serial EEPROM.
0 = No EEPROM activity
1 = EEPROM download in progress
3 (1)
SBDETECT
RWU
Serial Bus Detect. This bit is set when an EEPROM is detected at PERST.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
70
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com