Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 72 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 68Page - Texas Instruments XIO2001IPNP Datasheet HTML 69Page - Texas Instruments XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments XIO2001IPNP Datasheet HTML 74Page - Texas Instruments XIO2001IPNP Datasheet HTML 75Page - Texas Instruments XIO2001IPNP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.60 GPIO Data Register
This register reads the state of the input mode GPIO terminals and changes the state of the output mode
GPIO terminals. Writing to a bit that is in input mode or is enabled for a secondary function is ignored. The
secondary functions share GPIO0 (CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL).
The default value at power up depends on the state of the GPIO terminals as they default to
general-purpose inputs. See Table 4-34 for a complete description of the register contents.
PCI register offset:
B6h
Register type:
Read-only, Read/Write
Default value:
00XXh
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
x
Table 4-34. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Returns 000h when read.
4(1)
GPIO4_DATA
RW
GPIO 4 data. This bit reads the state of GPIO4 when in input mode or changes the state of
GPIO4 when in output mode.
3(1)
GPIO3_DATA
RW
GPIO 3 data. This bit reads the state of GPIO3 when in input mode or changes the state of
GPIO3 when in output mode.
2(1)
GPIO2_DATA
RW
GPIO 2 data. This bit reads the state of GPIO2 when in input mode or changes the state of
GPIO2 when in output mode.
1 (1)
GPIO1_DATA
RW
GPIO 1 data. This bit reads the state of GPIO1 when in input mode or changes the state of
GPIO1 when in output mode.
0(1)
GPIO0_DATA
RW
GPIO 0 data. This bit reads the state of GPIO0 when in input mode or changes the state of
GPIO0 when in output mode.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.61 TL Control and Diagnostic Register 0
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-35 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C0h
Register type:
Read/Write
Default value:
0000 0001h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4-35. Control and Diagnostic Register 0 Description
ACCES
BIT
FIELD NAME
S
DESCRIPTION
31:24(1)
PRI_BUS_NUM
R
This field contains the captured primary bus number.
23:19(1)
PRI_DEVICE_ NUM
R
This field contains the captured primary device number.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
72
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com