Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 71 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 67Page - Texas Instruments XIO2001IPNP Datasheet HTML 68Page - Texas Instruments XIO2001IPNP Datasheet HTML 69Page - Texas Instruments XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments XIO2001IPNP Datasheet HTML 74Page - Texas Instruments XIO2001IPNP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 4-32. Serial-Bus Control and Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
2 (1)
SBTEST
RW
Serial-bus test. This bit is used for internal test purposes. This bit controls the clock source
for the serial interface clock.
0 = Serial-bus clock at normal operating frequency ~ 60 kHz (default)
1 = Serial-bus clock frequency increased for test purposes ~ 4 MHz
1 (1)
SB_ERR
RCU
Serial-bus error. This bit is set when an error occurs during a software-initiated serial-bus
cycle.
0 = No error
1 = Serial-bus error
0 (1)
ROM_ERR
RCU
Serial EEPROM load error. This bit is set when an error occurs while downloading registers
from serial EEPROM.
0 = No error
1 = EEPROM load error
4.59 GPIO Control Register
This register controls the direction of the five GPIO terminals. This register has no effect on the behavior
of GPIO terminals that are enabled to perform secondary functions. The secondary functions share GPIO0
(CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL). See Table 4-33 for a complete
description of the register contents.
PCI register offset:
B4h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-33. GPIO Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Return 000h when read.
4 (1)
GPIO4_DIR
RW
GPIO 4 data direction. This bit selects whether GPIO4 is in input or output mode.
0 = Input (default)
1 = Output
3(1)
GPIO3_DIR
RW
GPIO 3 data direction. This bit selects whether GPIO3 is in input or output mode.
0 = Input (default)
1 = Output
2 (1)
GPIO2_DIR
RW
GPIO 2 data direction. This bit selects whether GPIO2 is in input or output mode.
0 = Input (default)
1 = Output
(1)
GPIO1_DIR
RW
GPIO 1 data direction. This bit selects whether GPIO1 is in input or output mode.
0 = Input (default)
1 = Output
0 (1)
GPIO0_DIR
RW
GPIO 0 data direction. This bit selects whether GPIO0 is in input or output mode.
0 = Input (default)
1 = Output
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
71
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com