Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 104 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 100Page - Texas Instruments XIO2001IPNP Datasheet HTML 101Page - Texas Instruments XIO2001IPNP Datasheet HTML 102Page - Texas Instruments XIO2001IPNP Datasheet HTML 103Page - Texas Instruments XIO2001IPNP Datasheet HTML 104Page - Texas Instruments XIO2001IPNP Datasheet HTML 105Page - Texas Instruments XIO2001IPNP Datasheet HTML 106Page - Texas Instruments XIO2001IPNP Datasheet HTML 107Page - Texas Instruments XIO2001IPNP Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
6.2
Revision ID Register
The revision ID register identifies the revision of the TI proprietary layout for this device control map. The
value 00h identifies the revision as the initial layout.
Device control memory window register offset:
01h
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
6.3
GPIO Control Register
This register controls the direction of the five GPIO terminals. This register has no effect on the behavior
of GPIO terminals that are enabled to perform secondary functions. The secondary functions share GPIO0
(CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL). This register is an alias of the GPIO
control register in the classic PCI configuration space(offset B4h, see Section 4.59). See Table 6-2 for a
complete description of the register contents.
Device control memory window register offset:
40h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 6-2. GPIO Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Returns 0000 0000 000b when read.
4 (1)
GPIO4_DIR
RW
GPIO 4 data direction. This bit selects whether GPIO4 is in input or output mode.
0 = Input (default)
1 = Output
3(1)
GPIO3_DIR
RW
GPIO 3 data direction. This bit selects whether GPIO3 is in input or output mode.
0 = Input (default)
1 = Output
2 (1)
GPIO2_DIR
RW
GPIO 2 data direction. This bit selects whether GPIO2 is in input or output mode.
0 = Input (default)
1 = Output
1 (1)
GPIO1_DIR
RW
GPIO 1 data direction. This bit selects whether GPIO1 is in input or output mode.
0 = Input (default)
1 = Output
0 (1)
GPIO0_DIR
RW
GPIO 0 data direction. This bit selects whether GPIO0 is in input or output mode.
0 = Input (default)
1 = Output
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
104
Memory-Mapped TI Proprietary Register Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com