Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 12 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 12 Page - Sames

Back Button SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames SA9101 Datasheet HTML 12Page - Sames SA9101 Datasheet HTML 13Page - Sames SA9101 Datasheet HTML 14Page - Sames SA9101 Datasheet HTML 15Page - Sames SA9101 Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
SA9101
sames
12/40
Transmit Link Interface
Similar to the Receive Link Interface two different data types with selectable active
polarity for the output are supported:
-
Dual rail data (PCM[+], PCM[-]) at ports DXA, DXB with selectable duty cycle (50%
or 100%) transmitted to a Line Interface Unit. Single rail data is converted into a dual
rail bit stream. The HDB3 line code is employed.
-
Unipolar data at port OPOUT with 100% duty cycle transmitted to a fibre optical
interface.
Clocking of data is carried out on the positive transitions of the Transmit Route Clock:
XRCLK (2048 kHz). XRCLK is generated by the SA9101.
Additionally, the dual rail outputs XTOP and XTOM are provided for test applications.
Additional functions
Alarm Interrupt
Normally, the control of data transmission via the PCM line is carried out by polling the
internal status registers of the SA9101 at equal time intervals. However, for fast error
handling the option exists to configure a specific output port as interrupt port (AINT). This
signal may be connected to an interrupt input of the on-board processor. Triggering of
the output may be caused by up to 10 maskable interrupt sources.
Single Channel Loop Back
As one of the extended test options, the Single Channel Loop Back enables reflection
of a selected channel back to the system interface at port DRO.
TS16 Extraction/Insertion
TS16 data can be extracted/inserted via the µP or the DMA facility provided. For µP
interface, RREQ/XREQ act as interrupts. When one of these interrupts is received two
bytes must be read/written consecutively before next frame information is written into it.
For DMA operation see detailed timing diagram, Fig 7.3. (See DIU Controller Pin
description table, CR6B6 Register and SR5B5 Register descriptions.)
Data Extraction/Insertion is also possible through the serial ports DRO and DXI by using
a multiplexer in conjunction with the control signals RCAS/TCAS generated by the
SA9101.
Serial Data extraction on System Side
Together with the Double Frame Marker generated by the SA9101, any position in the
serial data can be pointed to, for extraction.
Idle Code Insertion
In TX direction any channel can be selected for idle code insertion using the Idle Channel
Register bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com