Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 22 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 22 Page - Sames

Back Button SA9101 Datasheet HTML 18Page - Sames SA9101 Datasheet HTML 19Page - Sames SA9101 Datasheet HTML 20Page - Sames SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
SA9101
sames
22/40
ADR 3
Channel Loop Back
Register
Bit
Description
Name
CR3B[0-4]
0-4
The addressed timeslot (1..31) is looped back to the system
interface.
Idle channel code content of control register D for this channel
is sent to remote end.
Code “00000” deactivates loop-back.
CR3B5
5
A “1” disables loop back of selected channel
CR3B6
6
Select single frame delay mode
Signal delay set to max. one frame length., if this bit is at “1”.
CR3B7
7
Alarm Interrupt Acknowledge
A “1” clears AINT. Resetting is not necessary.
ADR 4
Service Word
Register
Bit
Description
Name
CR4B[0-4]
0-4
Y (Sn) bits for national use
These bits are inserted in the service word, if S
n-bit stack mode
is disabled and no TS0 transparent mode is enabled.
CR4B5
5
Send Remote Alarm to Remote End
A “1” causes bit 3 of service word to be set to “1”.
It is ignored if TS0 transparent mode is enabled.
CR4B6
6
Synchronization bit, internally set to “1”. It cannot be overwritten.
CR4B7
7
First bit of service word if double-frame format enabled,
and Non-transparent or Extended TS0 Signalling Transparent
modes enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com