Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 29 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 29 Page - Sames

Back Button SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
SA9101
sames
29/40
ADR 1
Frame Error Counter
Register
Bit
Description
Name
SR1B[0-7]
0-7
8 bit counter will be incremented when an incorrect frame
alignment word is detected in the synchronized state.
An overflow is inhibited.
During alarm simulation, the counter should increment every
250µs.
ADR 2
Code Violation Counter
Register
Bit
Description
Name
SR2B[0-7]
0-7
8 bit counter which counts HDB3 code violations if no optical
interface mode has been enabled. An overflow is inhibited.
During alarm simulation, the counter should increment once
for every four bits received. Counter can be extended to 10 bits
by bit 3 of Extended Mode Register ADR1 (CX1B3).
ADR 3
CRC4 Error counter
Register
Bit
Description
Name
SR3B[0-7]
0-7
8 bit counter which counts submultiframe CRC4 errors. An
overflow is inhibited.
During alarm simulation, the counter should increment once
per submultiframe.
The counter can be extended to a 10 bit counter by setting bit
7 of Receive Control Register ADR8 (CR8B7).
ADR 4
Received Service Word
Register
Bit
Description
Name
SR4B[0-4]
0-4
Y-bits (Sn-bits) for national use
SR4B5
5
Bit 3 of service word (Receive Remote Alarm)
SR4B6
6
Fixed to “1”.
SR4B7
7
First bit in received service word. It is fixed to “1” if the device
is in CRC4-mode. Only used in Double Frame format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com