Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 19 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 19 Page - Sames

Back Button SA9101 Datasheet HTML 15Page - Sames SA9101 Datasheet HTML 16Page - Sames SA9101 Datasheet HTML 17Page - Sames SA9101 Datasheet HTML 18Page - Sames SA9101 Datasheet HTML 19Page - Sames SA9101 Datasheet HTML 20Page - Sames SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
SA9101
sames
19/40
SA9101 REGISTER DESCRIPTION
Control Register
Default setting
After RESET, the SA9101 is initialized for PCM30 doubleframe format with register
values listed in Table 4.
Register
Register
Reset
Meaning
Name
ADR
Value
C
R0B[7..0]
0
00H
Alarm Interrupt mode disabled/Double Violation
Detection, no influence on error counting, channel
parity alarms, data transmission via port DRO, or
synchronization. No Alarm simulation. Status register
read enabled.
CR1B[7..0]
1
C0H
PCM30-doubleframe format with dual rail (RZ) line
interface ports/4 Mbps system interface mode/no AIS
transmission to remote end/S
n -bit stacks are disabled.
CR2B[7..0]
2
00H
Channel Parity Check is active for channel 0.
CR3B[7..0]
3
00H
Channel Loop Back and Single Frame mode are
disabled.
CR4B[7..0]
4
40H
All bits of the transmitted service word are cleared (bit
2 excl.).
CR5B[7..0]
5
00H
Spare bit values and additional interrupts are cleared.
CR6B[7..0]
6
00H
Outputs for transmit dual rail line data and assigned
test data are active low, internal signalling stacks and
external transmit channel parity are disabled.
The Transmit Clock slot Offset is cleared.
CR7B[7..0]
7
40H
4096 kHz system clock frequency. The Transmit
Timeslot Offset is cleared.
CR8B[7..0]
8
30H
Even Receive Channel Parity, Receive dual rail line
data inputs are active low. The Receive Clock slot
Offset is cleared. CRC Error Counter Extension is
disabled.
CR9B[7..0]
9
C0H
The Receive Timeslot Offset is cleared.
CRAB[7..0]
A
FFH
The Transmit Signalling stack is cleared. Its values
are not readable until the signalling stack mode is
enabled.
CRBB[7..0]
B
Undefined
S
n bit stack contents unknown.
CRCB[7..0]
C
00H
No interrupt source is enabled.
CRDB[7..0]
D
54H
Idle Channel Code is set to '54' hex.
CX1B[7..0]
1
00H
Half-bauded mode
CX6B[7..0]
6
00H
Normal operation
CX7B[7..0]
7
00H
Normal operation
CX8B[7..0]
8
00H
Normal operation
CX9B[7..0]
9
00H
Normal operation
Table 4: Initial Values after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com