Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 6 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 6 Page - Sames

Back Button SA9101 Datasheet HTML 2Page - Sames SA9101 Datasheet HTML 3Page - Sames SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
SA9101
sames
6/40
DESCRIPTION OF INTERFACES
Fibre Optical Interface
The fibre optical interface is enabled via the microprocessor interface.
Signal
Pin
Input/Output/Bidirect
Function
OPIN
29
I
Optical Fibre In
Unipolar Input Signal at 2048 kbps
Input polarity sense is programmable
via CR8B3.
Latching of data is
performed with the falling edge of
RCLK if optical interface is selected
via CR1B2. (See Fig. 6 Line Interface
Timing.)
OPOUT
6
O
Optical Fibre Out
Unipolar Output Signal at 2048 kbps
The output's active polarity is
programmable via CR6B7.
Data is
clocked out on the rising edge of
XRCLK.
Data duty cycle is 100%.
(See Fig. 6 Line Interface Timing.)
RCLK
25
I
Route Clock
This clock, derived from the incoming
data by the line interface circuit (eg.
IPAT (PEB2235)), is necessary for
clocking received data into the SA9101.
XRCLK
37
O
Transmit Route Clock
This 2048kHz clock is generated from
the Station Clock, SCLK. (See Fig. 5
System Interface Timing and Fig. 6
Line Interface Timing.)
PCM30 Interface
Signal
Pin
Input/Output/Bidirect
Function
DRA
27,
I
Data Receive +/-
DRB
26
I
HDB3 coded PCM Signal
DXA
38,
O
Data transmit +/-
DXB
39
O
HDB3 coded PCM Signal
RCLK
25
I
Route Clock f = 2.048 MHz
XRCLK
37
O
Transmit route clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com