Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 23 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 23 Page - Sames

Back Button SA9101 Datasheet HTML 19Page - Sames SA9101 Datasheet HTML 20Page - Sames SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
SA9101
sames
23/40
ADR 5
Data link bits for internal use
Register
Bit
Description
Name
CR5B0
0
S
i (X)-bit in frame 15
Only if CRC4 processing activated and
Non- transparent or Extended TS0
CR5B1
1
S
i (X)-bit in frame 13
Signalling Transparent mode enabled.
CR5B2
2
S
i (X)-bit of frame alignment signal for international use, if
double frame format enabled and Non-transparent or Extended
TS0 Signalling Transparent mode enabled.
CR5B3
3
Automatic Transmission of Submultiframe Status (only in
CRC4
mode, and Non-transparent or Extended TS0 signalling
transparent mode).
Instead of transmitting Si bits (CR5 bit 0 and 1), the sub-
multiframe status is inserted (SR 8, bit 1 -> X-bit(13), SR8 bit 0
-> X-bit(15).
CR5B4
4
Timeslot 0 Signalling Transparent mode. In Double frame and
CRC Multiframe modes Sn and Si bits of Timeslot 0 are
transmitted as applied on DXI.
CR5B5
5
Timeslot 0 Full Transparent mode
All information is transmitted as applied on DXI.
CR5B6
6
Interrupt Mask “Begin
Receive Multiframe”
A “1” enables interrupt source
only if alarm interrupt mode
CR5B7
7
Interrupt Mask "Begin
enabled
Transmit Multiframe"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com