Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 26 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 26 Page - Sames

Back Button SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
SA9101
sames
26/40
ADR B
Transmit S
n-bit stack
Register
Bit
Description
Name
CRBB[0-7]
0-7
5-byte Sn-bit stack, which data will be inserted if CRC and
stack mode enabled and no timeslot 0 transparent mode is
enabled. The Sn-bit information can be written into the
transmit Sn-bit stack when Transmit Sn-bit flag is set (SR5B7).
ADR C
Alarm Interrupt Mask Register
Register
Bit
Description
Name
CRCB0
0
Code violation counter saturation
CRCB1
1
Frame error counter saturation
CRCB2
2
CRC error counter saturation
CRCB3
3
Receive slip indication
CRCB4
4
Receive remote alarm
CRCB5
5
No signal
CRCB6
6
Alarm Indication Signal
CRCB7
7
Loss of synchronisation
Note:
The alarm source is enabled by setting the corresponding bit to “1”.
ADR D
IDLE Channel code
Register
Bit
Description
Name
CRDB[0-7]
0-7
Idle Channel code
During Loop-back, this code is sent to the remote end for the
assigned channel. The specified pattern is also written into all
channels selected via the Idle channel Register Bank, overwriting
whatever information was in those timeslots.
ADR E - F
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com