Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 21 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 21 Page - Sames

Back Button SA9101 Datasheet HTML 17Page - Sames SA9101 Datasheet HTML 18Page - Sames SA9101 Datasheet HTML 19Page - Sames SA9101 Datasheet HTML 20Page - Sames SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
SA9101
sames
21/40
ADR 1
SA9101 Configuration
Register
Bit
Description
Name
CR1B0
0
Send AIS Towards Remote End
Setting of this bit causes transmitting AIS towards the remote
end. The test data-outputs are not affected.
CR1B1
1
Select Interface Mode
Switches operation mode on DRO and DXI.
1 = 2 Mbits/s
0 = 4 Mbits/s
CR1B2
2
Enable optical Interface
If set to one, OPIN is enabled instead of dual rail ports.
CR1B3
3
Activate CRC4
A “1” activates CRC4-operation
CR1B4
4
Select counter mode
Only two channels per frame are counted if set to “1”.
CR1B5
5
Enable Sn-bit Stack
In CRC-mode, the transmit and receive Sn bit stacks can be
used instead of the registers for transmit and receive service
word. Transmitting from Sn-Bit stack is disabled if one of the
timeslot 0 transparent modes is enabled.
CR1B6
6
Not used (fixed 1)
CR1B7
7
For Re-synchronisation of CRC4 Multiframe
ADR 2
Channel Parity Check
Register
Bit
Description
Name
CR2B[0-4]
0-4
Selects channel
CR2B5
5
A “1” disables parity-check of selected channel
CR2B6
6
Not used
CR2B7
7
Extended Mode Register access enabled
Allows access to the Extended Control Registers CX1 to CX9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com