Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 25 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 25 Page - Sames

Back Button SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
SA9101
sames
25/40
ADR 8
Receive Control 0
Register
Bit
Description
Name
CR8B[0-2]
0-2
Set value which is loaded into the receive bit counter when the
synchronization pulse is active
CR8B3
3
Receive Data Input Sense
Bit at “0” :
Dual rail inputs are active low; optical input is
active high
Bit at “1” :
Dual rail inputs are active high; optical output
is active low
CR8B4
4
Not used
CR8B5
5
Not used
CR8B6
6
Receive Parity Type
0 : Even
1 : Odd
CR8B7
7
Enable CRC Error Counter Extension
Bit at “0” : 8 bit counter
Bit at “1” : 10 bit counter
Note: Receive Data Input Sense is only required for SR6B6 function. HDB3 is
insensitive to polarity.
ADR 9
Receive Control 1
Register
Bit
Description
Name
CR9B[0-5]
0-5
Set value for timeslot which is loaded into the receive counter
when the synchronization pulse is active
CR9B[6-7]
6-7
Not used (fixed to “1”)
ADR A
Transmit Signalling Stack (2 byte FIFO)
Register
Bit
Description
Name
CRAB[0-7]
0-7
Data for timeslot 16
Previous byte will be repeated, if not updated after request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com