Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 31 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 31 Page - Sames

Back Button SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames SA9101 Datasheet HTML 35Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
SA9101
sames
31/40
ADR 6
Additional Receive Status
Register
Bit
Description
Name
SR6B6
6
Error On Primary Rate Line Receiver
This bit is set while both dual rail inputs are active.
SR6B[0-5,7]
0-5,7
Not used, set to "1".
ADR 7
Timeslot 16 Rx Stack
Register
Bit
Description
Name
SR7B[0-7]
0-7
Receive Signalling Data
This stack contains two bytes of sequentially received signalling
data (timeslot 16).
ADR 8
S
i-bits
Register
Bit
Description
Name
SR8B0
0
Si(II)
Bit will be set to "0" if a CRC
check gives an error or synchro-
nisation is lost. It will be set to
These bits are
"1", if no error is detected in
updated at the
sub-multiframe part II.
beginning of every
SR8B1
1
Si(I)
received CRC
Bit will be set to "0", if a CRC
multiframe. If the
check gives an error or synchro-
device is in double-
nisation is lost. It will be set to
frame format, these
"1", if no error is detected in
bits are fixed to "1".
sub-multiframe part I.
SR8B[2-7]
2-7
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com