Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 24 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 24 Page - Sames

Back Button SA9101 Datasheet HTML 20Page - Sames SA9101 Datasheet HTML 21Page - Sames SA9101 Datasheet HTML 22Page - Sames SA9101 Datasheet HTML 23Page - Sames SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
SA9101
sames
24/40
ADR 6
Transmit control 0
Register
Bit
Description
Name
CR6B[0-2]
0-2
Set value for transmit bit counter (bit 0-2) which is loaded in the
transmit counter when the synchronization pulse is active.
CR6B3
3
Transmit Test data Polarity
Outputs are active low if bit is at “0”
CR6B4
4
External Transmit Channel Parity Type
0 : Even
1 : Odd
CR6B5
5
Enable External Transmit Channel Parity Input.
The internally generated channel parity signal is compared
with the signal at the channel parity input if this register bit is
set to “1”. For signalling, the parity-value on the parity input is
ignored, because it is generated internally.
CR6B6
6
Enable Internal Signalling Stack.
If set to “1” the two-byte stacks for receive and transmit
signaling data (timeslot 16) are enabled. Access to the TS16
Signalling Stack is possible via µP interface or by means of
DMA. The RREQ and XREQ signals can be used either as
interrupts or as DMA request signals. For DMA transfer the
ACKNLQ pin should be used for direct access to the stacks.
CR6B7
7
Transmit Data Output Polarity
Bit at “1” : Dual rail outputs are active high, optical output
is active low
Bit at “0” : Dual rail outputs are active low, optical output is
active high
ADR 7
Transmit Control 1
Register
Bit
Description
Name
CR7B[0-5]
0-5
Set value for timeslot which is loaded into the transmit counter
when the synchronization pulse is active
CR7B6
6
Mark CRC Alarm (Bit at "1" - Enable Alarm Source)
CR7B7
7
Select System Clock
0 : SCLK = 4.096MHz
1 : SCLK = 8.192MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com