Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 33 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 33 Page - Sames

Back Button SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames SA9101 Datasheet HTML 35Page - Sames SA9101 Datasheet HTML 36Page - Sames SA9101 Datasheet HTML 37Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
SA9101
sames
33/40
TIMING
µP Interface timing
Read cycle
Figure 2: µP Read Timing
Limit
Symbol
Parameter
Values
Unit
Min.
Max.
TCD
CEQ and ADDRESS valid to DATA valid
110
TCR
CEQ and ADDRESS stable before RDQ
0
TRD
RDQ to DATA valid
90
TRR
RDQ pulse width
100
TDF
DATA float after RDQ
10
30
ns
TRC
CEQ hold after RDQ
0
TRA
ADDRESS hold after RDQ
0
TRI
RDQ control interval
70
Table 5: µP Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com