Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 14 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 14 Page - Sames

Back Button SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames SA9101 Datasheet HTML 12Page - Sames SA9101 Datasheet HTML 13Page - Sames SA9101 Datasheet HTML 14Page - Sames SA9101 Datasheet HTML 15Page - Sames SA9101 Datasheet HTML 16Page - Sames SA9101 Datasheet HTML 17Page - Sames SA9101 Datasheet HTML 18Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
SA9101
sames
14/40
Transparent
Framing
Mode
(incl. CRC)
A Bit
S
n bits
S
i bits
Double frame
CRC
Non-Transparent
Internally
CR4B5
CR4B0..41
CR4B7 & CR5B2 CR5B0 & CR5B12
generated
CR5B5
via DXI
via DXI
via DXI
via DXI
via DXI
CR5B4
Internally
CR4B5
via DXI
via DXI
via DXI
generated
CX1B6
Internally
CR4B5
via DXI
CR4B7 & CR5B2 CR5B0 & CR5B12
generated
Notes: 1) The S
n bit stack may be used optionally
2) Automatic transmission of submultiframe error indication is selectable
General signalling
-S
n (Y) bits.
-S
i bits.
Signalling
-
CCS: For Common Channel Signalling the use of timeslot 16 is recommended. The
use of CCS is allowed with both the doubleframe and the CRC-Multiframe format.
-
CAS-CC: For Channel Associated Signalling the use of timeslot 16 is recommended.
The autonomous CAS multiframe structure is not related to a doubleframe or a CRC-
Multiframe structure (refer to CCITT G704 paragraph 3.3.3). Note: CAS multiframe
synchronization and syntheses are not performed by the SA9101.
Doubleframe format
The framing structure is defined by the contents of timeslot 0 (refer to table 1).
Bit Number
1
2
3
4
5
6
7
8
Frame containing the frame
S
i
0
0
1
1
0
1
1
alignment signal
Note 1
Frame alignment signal
Frame not containing the
S
i
1
A
S
n0
S
n1
S
n2
S
n3
S
n4
frame alignment signal
Note 1 Note 2 Note 3
Note 4
Table 1: Allocation of bits 1 to 8 of Timeslot 0
Alternate Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com