Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 7 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 7 Page - Sames

Back Button SA9101 Datasheet HTML 3Page - Sames SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
SA9101
sames
7/40
Clock Generator
Signal
Pin
Input/Output/Bidirect
Function
SCLK
24
I
System Clock f=4,096 MHz/8,192MHz
RFSPQ
5
O
Receive Frame Pulse
Frequency:
8 kHz
Duration: 488 ns
If loss of synchronisation, the line frame
pulse is inhibited
SYPQ
28
I
Synchronous Pulse
Defines start of frame for System internal
data, together with the programmed offset
values of transmit and receive counter.
Pulse width:
>244 ns
Period:
Multiples of 125µs
DIU Controller
Signal
Pin
Input/Output/Bidirect
Function
D0 - D7
7 - 14
B
Bidirectional 8 bit data-bus
A0 - A3
16 - 19
I
Address lines for SA9101 internal
registers
CEQ
22
I
Chip enable input
WRQ
21
I
Write enable input
RDQ
20
I
Read enable input
COS
23
I
Carrier out of service input.
SA9101 sends AIS to PCM30 interface
if input is at “1”
XREQ
36
O
Transmit DMA interrupt request
RREQ
37
O
Receive DMA interrupt request
AINT
3
O
Alarm interrupt request
ACKNLQ
32
I
DMA Acknowledge (Active Low)
(Not used when CR6B6 = 0. If not used
then pin must be fixed to V
DD.) If access to
internal TS16 signalling stacks is enabled
this input acts as an "access enable" to the
internal stacks (CRAB0-7 for T
X
and
SR7B0-7 for R
X)
in conjunction with a
read/write command without the need of
generating the chip enable signal at CEQ.
In this case it is to be connected to the
acknowledge output of the DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com