Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 30 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 30 Page - Sames

Back Button SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
SA9101
sames
30/40
ADR 5
Data Link Bit for Internal Use
Register
Bit
Description
Name
SR5B0
0
First bit of service word of frame 15.
SR5B1
1
First bit of service word of frame 13.
These bits (0 and 1) are updated at the beginning of every
received multiframe.
If CRC4-mode is not enabled, these are set to “0”.
SR5B2
2
First bit in FAS-word, used only in double Frame format
(otherwise fixed at "1").
SR5B3
3
Transmit Parity Error
If channel parity check is enabled, this bit is set after a channel
parity error occurs.
It is also set during alarm simulation.
SR5B4
4
Global Parity Error
Set by a parity error in any transmitted or received channel.
Also set during alarm simulation.
SR5B5
5
DMA Request Slip
If the use of the TS16 signalling stacks is enabled, this bit is set
if required access is not completed before the signalling stack
gets updated.
SR5B6
6
Receive Sn-bit Stack Flag
Will be set at the beginning of every received CRC4 multiframe.
It will be reset after a read access to the Receive S
n-bit
stack occurs or at the beginning of frame 15 in the multiframe.
A read access should occur only if this flag is set to “1”. Should
be monitored at time intervals of less than 2ms.
SR5B7
7
Transmit Sn-bit Stack Flag
Will be set at the beginning of every transmitted CRC4
multiframe.
It will be reset after a write access to the Transmit S
n-bit stack
or at the beginning of frame 15 in the multiframe.
A write access should occur to the stack only if this flag is set.
Should be monitored at time intervals of less than 2ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com