Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 38 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 38 Page - Sames

Back Button SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames SA9101 Datasheet HTML 35Page - Sames SA9101 Datasheet HTML 36Page - Sames SA9101 Datasheet HTML 37Page - Sames SA9101 Datasheet HTML 38Page - Sames SA9101 Datasheet HTML 39Page - Sames SA9101 Datasheet HTML 40Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
SA9101
sames
38/40
Line Interface Timing
Figure 6: Line Interface Timing
Limit
Symbol
Parameter
Values
Unit
Min.
Max.
TCPR
RCLK clock period
typ. 488
TCPRL
RCLK clock period low
100
TCPRH
RCLK clock period high
100
TRIS
Receive data setup
30
TRIH
Receive data hold
30
ns
TRFSD
RFSPQ propagation delay
120
TCPX
XRCLK clock period
2*TCP4
4*TCP8
TXOD
Transmit data output delay
50
TXOH
Transmit data output hold
0*
50
Table 9: Line Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com