Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 37 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 37 Page - Sames

Back Button SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames SA9101 Datasheet HTML 35Page - Sames SA9101 Datasheet HTML 36Page - Sames SA9101 Datasheet HTML 37Page - Sames SA9101 Datasheet HTML 38Page - Sames SA9101 Datasheet HTML 39Page - Sames SA9101 Datasheet HTML 40Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
SA9101
sames
37/40
Limit Values
Symbol
Parameter
4096kHzSCLK
819kHz SCLK
Unit
Min.
Max.
Min.
Max.
TCP8
SCLK period 8MHz
typ. 122
TCP8L
SCLK period 8MHz low
40
TCP8H
SCLK period 8MHz high
40
TCP4
SCLK period 4MHz
typ. 244
TCP4L
SCLK period 4MHz low
50
TCP4H
SCLK period 4MHz high
50
TSS
SYPQ setup time
40
TCP4-30 TCP8-40 TCP8-40
TSH
SYPQ hold time
40
40
TSI
SYPQ inactive setup
TCP4+30
2*TCP8
ns
+30
TROD
RDQ propagation delay
90
110
TMD
Marker propagation delay
100
120
TMH
Marker hold
100
120
TPYD
Parity propagation delay
100
120
TSXD
XRCLK to SCLK delay
100
120
TXIS
Transmit data setup
30
30
TXIH
Transmit data hold
30
30
Table 8: System Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com