Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 28 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 28 Page - Sames

Back Button SA9101 Datasheet HTML 24Page - Sames SA9101 Datasheet HTML 25Page - Sames SA9101 Datasheet HTML 26Page - Sames SA9101 Datasheet HTML 27Page - Sames SA9101 Datasheet HTML 28Page - Sames SA9101 Datasheet HTML 29Page - Sames SA9101 Datasheet HTML 30Page - Sames SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
SA9101
sames
28/40
Status Register
ADR 0
PCM/SA9101 Alarm status
Register
Bit
Description
Name
SR0B0
0
Slip Direction Indication
0 =
negative slip, receive route clock frequency higher
than
internal system clock.
1 =
positive slip, receive route clock frequency below
internal
system clock.
SR0B1
1
CRC4 Multiframe alarm
Set after reset, multiframe synchronization lost or via uP-
Interface with command “Force Re-synchronisation”.
Will be reset after receiving 2 multi-frames without errors.
SR0B2
2
Receive Channel Parity Error
Set after device detects a channel parity error.
Cleared by setting control register ADR 0, bit 2 (Clear Channel
Parity Alarm Latch).
SR0B3
3
Receive Slip Indication
This bit changes state when a frame is dropped (RCLK > SCLK)
or repeated (SCLK > RCLK) .
A successful alarm-simulation causes one change.
SR0B4
4
Receive Remote Alarm
Bit 3 of received service word.
SR0B5
5
Loss Of Synchronisation
Will be set if incorrect frame alignment signal or service word
was detected 3 times in sequence.
Is automatically reset after sequence FAS-SW-FAS is received.
Loss of synchronisation is also indicated if “No Signal” occurs
because of no Route Clock.
SR0B6
Alarm Indication Signal (AIS)
If less than two “0’s” are detected in an incoming bitstream of
512 bits, this bit is set to “1”.
SR0B7
7
No Signal
If less than four “1’s” are in a stream of 512 bits or no complete
receive clock pulse occurs within 4 periods of the system clock,
this bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com