Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 35 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 35 Page - Sames

Back Button SA9101 Datasheet HTML 31Page - Sames SA9101 Datasheet HTML 32Page - Sames SA9101 Datasheet HTML 33Page - Sames SA9101 Datasheet HTML 34Page - Sames SA9101 Datasheet HTML 35Page - Sames SA9101 Datasheet HTML 36Page - Sames SA9101 Datasheet HTML 37Page - Sames SA9101 Datasheet HTML 38Page - Sames SA9101 Datasheet HTML 39Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
SA9101
sames
35/40
DMA cycle
Figure 4: DMA Timing
Limit
Symbol
Parameter
Values
Unit
Min.
Max.
TDRD
RDQ to DATA valid
90
TDDF
DATA float after RDQ
10
30
TDRR
RDQ pulse width
100
TDRI
RDQ control interval
70
TRRE
RREQ reset after RDQ
100
TDDW
DATA setup before end of write
35
ns
TDWD
DATA hold after WRQ
10
TDWW
WRQ pulse width
80
TDWI
WRQ control interval
70
TXRE
XREQ reset after WRQ
100
Table 7: DMA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com