Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9101 Datasheet(PDF) 4 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 4 Page - Sames

  SA9101 Datasheet HTML 1Page - Sames SA9101 Datasheet HTML 2Page - Sames SA9101 Datasheet HTML 3Page - Sames SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
SA9101
sames
4/40
Operational Characteristics
T
A = 25°C;
V
DD = 5V ±5%;
V
SS = 0V
Limit Values
Parameter
Symbol
Min.
Max.
Unit
Input capacitance
C
IN
10
pF
Output capacitance
C
OUT
15
pF
I/O
C
IO
20
pF
Absolute Maximum Ratings*
Parameters
Symbol
Min
Max
Unit
Supply Voltage
V
DD- VSS
-0.3
6
V
Voltage on any I/O pin
V
I
/V
O
-0.3
V
DD
+0.3
V
Current on any I/O pin
I
I/IO
20
mA
Storage Temperature
T
STG
-55
+125
°C
Operating Temperature
T
OP
-10
+70
°C
Package Power Dissipation
P
D
1000
mW
*Stress above those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. This a stress rating only. Functional operation of the device at these or any other
condition above those indicated in the operational sections of this specification, is not implied.
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
DC Operational Characteristics
V
DD = 5V, T = 10°C..+70°C
Limit Values
Parameter
Symbol
Min.
Max.
Unit
Remarks
Supply Voltage
V
DD-VSS
4.5
5.5
V
Supply Current (dynamic)
I
DD
100
mA
Standby Current
I
DDS
100
µA
Inputs
High Voltage
V
IH
2.4
V
Low Voltage
V
IL
0.8
V
Leakage Current
I
LEAK
-5
5
µA
V
I=0..VDD
Input ACKNQ
Pullup Current
-I
PUP
10
30
µA
V
I=0
Outputs
High Voltage
V
OH
2.8
V
I
OH =-1mA
Low Voltage
V
OL
0.4
V
I
OL
=2mA
Bidirects
Input High Voltage
V
IH
2.4
V
Input Low Voltage
V
IL
0.8
V
Tristate Current
I
LEAK
-10
10
µA
V
I=0..VDD
Output High Voltage
V
OH
2.8
V
I
OH =-1mA
Output Low Voltage
V
OL
0.4
V
I
OL=2mA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com